| Moteur de recherche de fiches techniques de composants électroniques |
|
F3SG-R Fiches technique(PDF) 39 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R Fiches technique(HTML) 39 Page - Omron Electronics LLC |
|
39 / 164 page ![]() F3SG-RA 39 Side Mounting Top/Bottom Adjustable Bracket (F39-LGTB) Top/Bottom Adjustable Bracket (F39-LGTB) Standard Adjustable Bracket (F39-LGA) Backside : 2-S3 2-M5 or M6 2-M5 or M6 2-M5 or M6 <Screw for Top/Bottom Adjustable Bracket: M5 or M6> <Screw for Top/Bottom Adjustable Bracket: M8> 2-M8 40.8 35 4 51.65 S2.5 35 23.2 26.5 35 9.2 9.6 2-S3 50.35 42.35 F3SG-RA-30 Series Dimension A C1+18 Dimension C1 4-digit number of the type name (Protective height) Dimension D C1-50 Dimension G C1+77.5 Dimension H C1+103 Dimension I C1+122 Dimension P 20 Protective height (C1) Number of Top/Bottom Adjustable Brackets Number of Standard Adjustable Brackets Dimension F 0270 to 1070 2 0 − 1150 to 1950 2 1 1000 mm max. 2030 to 2510 2 2 1000 mm max. F3SG-RA-14 Series Dimension A C2+48 Dimension C2 4-digit number of the type name (Protective height) Dimension D C2-20 Dimension G C2+107.5 Dimension H C2+133 Dimension I C2+152 Dimension P 10 Protective height (C2) Number of Top/Bottom Adjustable Brackets Number of Standard Adjustable Brackets Dimension F 0240 to 1040 2 0 − 1120 to 1920 2 1 1000 mm max. 2000 to 2080 2 2 1000 mm max. |