| Moteur de recherche de fiches techniques de composants électroniques |
|
F3SG-R Fiches technique(PDF) 73 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R Fiches technique(HTML) 73 Page - Omron Electronics LLC |
|
73 / 164 page ![]() 73 Safety Light Curtain Easy type F3SG-RE Easy-to-use Safety Sensor Ideal for Simple On/Off Detection Applications • Provides simple safety functions - saving TCO by reducing errors • Simple wiring with only 4 wires • Fast response time of 5 ms System Configuration F39-HGB @@@@ Spatter Protection Cover (for F3SG-RE) F39-PTG Laser Pointer Accessory Emitter Receiver XS5W-D421- @81-F Double-Ended Cable XS5F-D421- @80-F Single-Ended Cable or F39-LGF Standard Fixed Bracket (included as standard) F39-LGA Standard Adjustable Bracket F39-LGTB F39-LGTB-1 Top/Bottom Adjustable Bracket Mounting bracket F39-GCNY1 XS5W-D421- @81-F XS5F-D421- @80-F Reduced wiring connector system NX/NE1A-series Safety Network Controller G9SP-series Safety Controller G9SE/G9SA-series Safety Relay Unit G9SX-series Flexible Safety Unit G7SA/G7S-E Relays with Forcibly Guided Contacts Recommended safety controller * * The recommended safety controller is required to build a safety circuit using emergency stop switches and door switches. Accessory T F39-GCNY1 XS5W-D421- @81-F XS5F-D421- @80-F |