Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1S-0505SH30Z. Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AM1S-0505SH30Z.
Description  1 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1S-0505SH30Z. Fiches technique(HTML) 3 Page - AIMTEC

  AM1S-0505SH30Z. Datasheet HTML 1Page - AIMTEC AM1S-0505SH30Z. Datasheet HTML 2Page - AIMTEC AM1S-0505SH30Z. Datasheet HTML 3Page - AIMTEC AM1S-0505SH30Z. Datasheet HTML 4Page - AIMTEC AM1S-0505SH30Z. Datasheet HTML 5Page - AIMTEC AM1S-0505SH30Z. Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AM1S-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.L
3 of 6
North America only
Rev: 05/20/A
Load voltage regulation
Load 20 – 100%
±10
%
Load 20 – 100%
3.3V output models
±20
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
Capacitive load
220
μF
Rising time
50
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load , Variable
80
KHz
Operating temperature
Full Load without Derating
-40to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic UL94-VO
Weight
Others
1.5
g
48V input models
1.9
g
Dimensions (L x W x H)
Others
0.46 x 0.24 x 0.40 inches
11.68 x 6.00 x 10.15 mm
48V input models
0.46 x 0.30 x 0.40 inches
11.68 x 7.50 x 10.15 mm
MTBF
Others
>1 121 000 hrs(MIL-HDBK -217F, Ground Benign, t=+25oC)
All 48V input models with
exception of 5V output models
>1 191 000 hrs(MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Safety Specifications
Standards
Agency approvals
CE
Safety
EN55032 (Radiated Emissions) class B
IEC61000-4-2(ESD) Criteria A
IEC61000-4-3(Radiated immunity) Criteria A
IEC61000-4-4(EFT) Criteria A, with the recommended EFT/Surge external circuit
IEC61000-4-5(Surge) Criteria A, with the recommended EFT/Surge external circuit
IEC61000-4-6(CS) Criteria A
IEC61000-4-8(PFMF) Criteria A
Pin Out Specifications
Dimensions
11.68
(0.46)
6.00 / 7.50
(0.24) / (0.30)
7.62
(0.30)
2.54
(0.10)
0.50
(0.02)
The thickness of 48V input
model is 7.50(0.30)
Printed
Front
Pin
Single
1
- V Input
2
+V Input
3
- V Output
4
+V Output



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com