Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IG055100 Fiches technique(PDF) 20 Page - YAMAHA CORPORATION

No de pièce IG055100
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

IG055100 Fiches technique(HTML) 20 Page - YAMAHA CORPORATION

Back Button IG055100 Datasheet HTML 16Page - YAMAHA CORPORATION IG055100 Datasheet HTML 17Page - YAMAHA CORPORATION IG055100 Datasheet HTML 18Page - YAMAHA CORPORATION IG055100 Datasheet HTML 19Page - YAMAHA CORPORATION IG055100 Datasheet HTML 20Page - YAMAHA CORPORATION IG055100 Datasheet HTML 21Page - YAMAHA CORPORATION IG055100 Datasheet HTML 22Page - YAMAHA CORPORATION IG055100 Datasheet HTML 23Page - YAMAHA CORPORATION IG055100 Datasheet HTML 24Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
A
1
2
3
4
5
6
7
8
9
B
C
D
E
F
G
H
I
J
K
L
SCHEMATIC DIAGRAM
27
AX-496
PIN CONNECTION DIAGRAM OF TRANSISTORS, DIODES AND ICS.
BC
E
2SA1695
2SC4466
2SA1145
2SA970
2SC2705
2SC1815
2SA1015
2SC2240
2SA893A
2SC1890A
S4VB20
2SA1358
2SC4488
2SD1915F
2SC1740S
DTC144ES
2SA933S
E
E
C
C
B
B
E
C B
+
–
~
~
E
C
B
DIODES
Anode
Cathode
AX-496
5 All voltage are measured with a 10M
W/V DC electric volt meter.
5 Components having special characteristics are marked
s and must be replaced
with parts having specifications equal to those originally installed.
5 Schematic diagram is subject to change without notice.
To/From FUNCTION (1)
see page 26
From FUNCTION (7)
see page 26
From FUNCTION (6)
see page 26
0
0
0
0
0
0
0
0
0
0
50.1
-50.0
5.8
6.2
0
0.1
0.1
0.1
0.1
12.8
12.8
AC12.6
AC78.0
0.1
0.7
0.7
0.7
23.6
23.6
42.9
42.9
43.1
0
0
15.8
-15.8
-15.8
-15.2
-18.3
-18.3
18.3
15.8
15.2
18.4
0
0
0
0
0
0.6
0.6
0
0
48.8
-48.8
-48.8
-48.8
-48.1
-48.8
-49.3
-49.1
-49.1
-49.0
-49.0
-49.0
-49.0
-49.0
-49.0
-49.0
-49.0
-49.0
49.2
48.9
49.3
50.0
50.0
50.0
-50.0
-50.0
-50.0
-50.0
50.0
50.0
50.0
50.0
50.0
50.0
49.5
49.5
49.0
50.0
-48.3
-1.1
-1.1
1.1
1.1
1.1
-1.1
-1.1
-1.1
-1.1
1.1
1.1
1.1
0.6
0
0
0
0
0
0
0
0
0
0
0
0
0
0.5
-0.5
-0.5
-0.5
-0.5
0.5
0.5
-0.5
-0.5
-49.0
48.7
-48.7
-48.7
-48.7
0.6
0.6
0
0
-2.5
-2.5
-0.3
RELAY DRIVER
POWER SUPPLY
POWER SUPPLY
POWER AMP
IMPEDANCE SELECTOR
POWER
= used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42