| Moteur de recherche de fiches techniques de composants électroniques |
|
IG055100 Fiches technique(PDF) 19 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
IG055100 Fiches technique(HTML) 19 Page - YAMAHA CORPORATION |
|
19 / 42 page ![]() A 1 2 3 4 5 6 7 8 9 B C D E F G H I J K L AX-496 5 All voltage are measured with a 10M W/V DC electric volt meter. 5 Components having special characteristics are marked s and must be replaced with parts having specifications equal to those originally installed. 5 Schematic diagram is subject to change without notice. 26 SCHEMATIC DIAGRAM PIN CONNECTION DIAGRAM OF TRANSISTORS, DIODES AND ICS. BC E 2SA1695 2SC4466 2SA1145 2SA970 2SC2705 2SC1815 2SA1015 2SC2240 2SA893A 2SC1890A S4VB20 2SA1358 2SC4488 2SD1915F 2SC1740S DTC144ES 2SA933S E E C C B B E C B + – ~ ~ E C B DIODES Anode Cathode NJM2068LD 1 8 LB1641 LC78211 1 10 TC4053BP 1 8 16 M37478M4-408SP 1 21 42 1 15 30 2 3 5 IN 1 1 GND 4 VZ 6 IN 2 8 10 9 INPUT LOGIC 7 8 7 6 5 4 3 2 1 NJM2068LD LC78211 Point 1 and 2 Emitter of Q108 Collector of Q104 Point 3 Pin 20 of IC101 LB1641 AX-496 To MAIN (1) see page 27 CD/DVD DIRECT AMP OFF CD/DVD DIRECT AMP ON CD/DVD DIRECT AMP & PURE DIRECT OFF To MAIN (1) see page 27 To/From MAIN (3) see page 27 12.6 -12.7 14.2 -14.3 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 14.7 14.7 14.7 14.7 -14.8 -14.8 4.8 4.8 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0.7 0.7 4.7 4.8 0 0.9 0.6 0 0 0 0 0 0 0 0 1 2 3 0 6.1 6.1 5.4 5.4 5.4 4.8 4.7 6.5 6.5 12.1 12.8 12.8 12.8 4.8 0 0 0 0 0 0 0 -14.2 14.2 0 0 4.8 4.8 0.7 -1.7 -2.0 -5.0 14.6 14.6 1.7 0 0 0 0 0 0 0 0.1 0.1 -0.1 -0.1 -14.3 -14.3 14.3 14.3 0 PHONO EQ AMP CD BUFFER INPUT SELECTOR MOTOR DRIVER SYSTEM CONTROL RESET PROTECTION VOLUME AMP TONE CONTROL AMP 8 7 5 6 8 7 5 6 2 1 4 3 2 1 4 3 8 7 5 6 2 3 4 1 |