| Moteur de recherche de fiches techniques de composants électroniques |
|
IG055100 Fiches technique(PDF) 7 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
IG055100 Fiches technique(HTML) 7 Page - YAMAHA CORPORATION |
|
7 / 42 page ![]() AX-496/396 1 1 2 3 3 4 4 5 5 6 7 7 7 1 7 9 0 A 8 3 25 46 B 6 I DISASSEMBLY PROCEDURES (Remove parts in the order as numbered.) 1. Removal of Top Cover Remove 4 screws (1) and 4 screws (2) in Fig. 1. 2. Removal of Front Panel a. Remove 6 screws (3) in Fig. 1. 3. Checking and Parts Replacement of MAIN P.C.B. (1) a. Disconnect the power cord from the AC outlet. b. Remove 3 screws (4) attaching the Speaker terminal and Impedance Selector in Fig. 1. c. Remove 2 screws (5) and remove 1 plastic rivet (6) in Fig. 1, then remove the Sub Chassis. d. Remove 4 screws (7) in Fig. 1, then remove the MAIN P.C.B. (1) with Heat Sink and Chassis. Fig. 1 I INTERNAL VIEW 1 AX-496: MAIN P.C.B. (6) / AX-396: MAIN P.C.B. (7) 2 MAIN P.C.B. (2) 3 MAIN P.C.B. (1) 4 MAIN P.C.B. (3) 5 FUNCTION P.C.B. (4) 6 FUNCTION P.C.B. (5) 7 MAIN P.C.B. (9) 8 MAIN P.C.B. (8) 9 FUNCTION P.C.B. (7) 0 FUNCTION P.C.B. (6) A FUNCTION P.C.B. (1) B FUNCTION P.C.B. (2) |