Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A22Z-R Fiches technique(PDF) 33 Page - Omron Electronics LLC

No de pièce A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Fiches technique(HTML) 33 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 29Page - Omron Electronics LLC A22Z-R Datasheet HTML 30Page - Omron Electronics LLC A22Z-R Datasheet HTML 31Page - Omron Electronics LLC A22Z-R Datasheet HTML 32Page - Omron Electronics LLC A22Z-R Datasheet HTML 33Page - Omron Electronics LLC A22Z-R Datasheet HTML 34Page - Omron Electronics LLC A22Z-R Datasheet HTML 35Page - Omron Electronics LLC A22Z-R Datasheet HTML 36Page - Omron Electronics LLC A22Z-R Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
A22E/A22NE-P
33
Dimensions
(Unit: mm)
Screw Terminal Block Type/Push-in Plus Terminal Block Type
30 dia.
1
13
2.5
6
Hole Plug
Round A22Z-3530
6.1
3.8
20.5
2.8
22.2 dia.
34.7 dia.
30-dia. Resin Attachment
A22Z-A30
Legend Plates for Emergency Stop
A22Z-3466-1 (60 dia.)
22.2 dia.
60 dia.
A22Z-3466-2 (60 dia.)
Black letters
Yellow
Black letter
60 dia.
22.2 dia.
t1
t1
t1
Yellow
22.2 dia.
90 dia.
A22Z-3476-1 (90 dia.)
Black letters
Yellow
2
1
2.8
Lock Ring
A22Z-3360
22.2 dia.
30 dia.
Material: Nickel plated on iron
25-dia. Ring
A22Z-R25
0.5
1.3
Material: NBR (black)
4.5
20
90
2
Tightening Tool
A22Z-3905
30 dia.
22 dia.
27 dia.
0.5
Rubber Packing
A22Z-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40