| Moteur de recherche de fiches techniques de composants électroniques |
|
A22Z-R Fiches technique(PDF) 24 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R Fiches technique(HTML) 24 Page - Omron Electronics LLC |
|
24 / 40 page ![]() A22NE-P 24 Dimensions (Unit: mm) Non-lighted Models Note: Unless otherwise specified, a tolerance of ±0.8mm applies to all dimensions. Dimensions when a two-contact Switch Block is attached A22NE-MP-P @@2-N A22NE-S-P @@2-N A22NE-M-P @@2-N A22NE-L-P @@2-N Lighted Model A22NE-M-P @@2-@ 1.8 5.9 0.5 32 39.5 40 dia. 42.5 Pull-reset (40-dia.) 1.8 5.9 0.5 32 39.5 30 dia. 42.5 Small Turn-reset (30-dia.) 1.8 5.9 0.5 32 39.5 40 dia. 42.5 Note: The dimensions the same even if the Operation Unit is replaced with the A22NE-MR @-N or the A22NE-MR@-N-RD. Medium Turn-reset (40-dia.) 60 dia. 1.8 5.9 0.5 32 39.5 42.5 Large Turn-reset (60-dia.) 40 dia. 1.8 5.9 0.5 32 39.5 42.5 Medium Turn-reset (40-dia.) 40 dia. 0.5 1.8 5.9 55 44 32 |