| Moteur de recherche de fiches techniques de composants électroniques |
|
A22Z-R Fiches technique(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R Fiches technique(HTML) 17 Page - Omron Electronics LLC |
|
17 / 40 page ![]() A22NE-P 17 Ordering Information Non-lighted Models Lighted Model Switch with Integrated Control Box Operation Set Model Color of cap Appearance Contact configuration (Number of switch blocks) 1NC (1) A22NE-MP-P002-N Red 1NC, 1NO (2) A22NE-MP-P102-N 2NC (2) A22NE-MP-P202-N 2NC, 1NO (3) A22NE-MP-P212-N 3NC (3) A22NE-MP-P222-N 1NC (1) A22NE-S-P002-N 1NC, 1NO (2) A22NE-S-P102-N 2NC (2) A22NE-S-P202-N 2NC, 1NO (3) A22NE-S-P212-N 3NC (3) A22NE-S-P222-N 1NC (1) A22NE-M-P002-N 1NC, 1NO (2) A22NE-M-P102-N 2NC (2) A22NE-M-P202-N 2NC, 1NO (3) A22NE-M-P212-N 3NC (3) A22NE-M-P222-N 1NC (1) A22NE-L-P002-N 1NC, 1NO (2) A22NE-L-P102-N 2NC (2) A22NE-L-P202-N 2NC, 1NO (3) A22NE-L-P212-N 3NC (3) A22NE-L-P222-N Operation Set Model Color of cap Appearance Contacts (Number of switch blocks) LED lamp voltage 1NC (1) 6 VAC/VDC A22NE-M-P002-A Red 1NC, 1NO (2) A22NE-M-P102-A 2NC (2) A22NE-M-P202-A 1NC (1) 12 VAC/VDC A22NE-M-P002-B 1NC, 1NO (2) A22NE-M-P102-B 2NC (2) A22NE-M-P202-B 1NC (1) 24 VAC/VDC A22NE-M-P002-C 1NC, 1NO (2) A22NE-M-P102-C 2NC (2) A22NE-M-P202-C 1NC (1) 100, 110, 120 VAC A22NE-M-P002-D 1NC, 1NO (2) A22NE-M-P102-D 2NC (2) A22NE-M-P202-D 1NC (1) 220, 230, 240 VAC A22NE-M-P002-E 1NC, 1NO (2) A22NE-M-P102-E 2NC (2) A22NE-M-P202-E Appearance Contact configuration (Number of switch blocks) Model 1NC (1) A22NE-M-P002-N-B 1NC, 1NO (2) A22NE-M-P102-N-B 2NC (2) A22NE-M-P202-N-B 40-dia. head Medium Pull-reset A22NE-MP-P @@2-N 30-dia. head Small Turn-reset A22NE-S-P @@2-N 40-dia. head Medium Turn-reset A22NE-M-P @@2-N 60-dia. Large Turn-reset A22NE-L-P @@2-N 40-dia. head Medium Turn-reset A22NE-M-P @@2-A 40-dia. head Medium Turn-reset A22NE-M-P @@2-B 40-dia. head Medium Turn-reset A22NE-M-P @@2-C 40-dia. head Medium Turn-reset A22NE-M-P @@2-D 40-dia. head Medium Turn-reset A22NE-M-P @@2-E |