Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8103773 Fiches technique(PDF) 1 Page - ledxon GmbH

No de pièce 8103773
Description  Recessed spotlight ESP1-S10, 8,4W 668lm CRI90 1800K-4000K 25° white DALI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDXON [ledxon GmbH]
Site Internet  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103773 Fiches technique(HTML) 1 Page - ledxon GmbH

  8103773 Datasheet HTML 1Page - ledxon GmbH 8103773 Datasheet HTML 2Page - ledxon GmbH 8103773 Datasheet HTML 3Page - ledxon GmbH 8103773 Datasheet HTML 4Page - ledxon GmbH 8103773 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
/
Page 1 5
OXOMI
Created on 08/28/2026
L E D X O N
8103773
ESP1
GTIN: 4262470460340
Recessed spotlight ESP1-S10, 8,4W 668lm CRI90 1800K-4000K 25° white DALI
ESP1
ESP1


Numéro de pièce similaire - 8103773

FabricantNo de pièceFiches techniqueDescription
logo
ledxon GmbH
8103770 LEDXON-8103770 Datasheet
135Kb / 5P
Recessed spotlight ESP1-S10, 7,0W 954lm CRI90 4000K 40° black
8103771 LEDXON-8103771 Datasheet
134Kb / 5P
Recessed spotlight ESP1-S10, 7,0W 954lm CRI90 4000K 55° white
8103772 LEDXON-8103772 Datasheet
135Kb / 5P
Recessed spotlight ESP1-S10, 7,0W 954lm CRI90 4000K 55° black
8103774 LEDXON-8103774 Datasheet
135Kb / 5P
Recessed spotlight ESP1-S10, 8,4W 668lm CRI90 1800K-4000K 25° black DALI
8103775 LEDXON-8103775 Datasheet
134Kb / 5P
Recessed spotlight ESP1-S10, 8,4W 668lm CRI90 1800K-4000K 40° white DALI
More results

Description similaire - 8103773

FabricantNo de pièceFiches techniqueDescription
logo
Chicago Miniature Lamp,...
190BX25X CML-190BX25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
190BX35X CML-190BX35X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
192BX25X CML-192BX25X Datasheet
409Kb / 1P
LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
192BX35X CML-192BX35X Datasheet
409Kb / 1P
LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
logo
E-SWITCH
XF0108P E-SWITCH-XF0108P Datasheet
29Kb / 1P
L16 PL S10 B RED
XF0429P E-SWITCH-XF0429P Datasheet
29Kb / 1P
L16 PL S10 J GRN GRN
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com