Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK50H28DIP Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 53Page - STMicroelectronics MK50H28DIP Datasheet HTML 54Page - STMicroelectronics MK50H28DIP Datasheet HTML 55Page - STMicroelectronics MK50H28DIP Datasheet HTML 56Page - STMicroelectronics MK50H28DIP Datasheet HTML 57Page - STMicroelectronics MK50H28DIP Datasheet HTML 58Page - STMicroelectronics MK50H28DIP Datasheet HTML 59Page - STMicroelectronics MK50H28DIP Datasheet HTML 60Page - STMicroelectronics MK50H28DIP Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
A 16-23
ALE
SYSCLK
BM0,1
READY
DAS
HLDA
HOLD
25
65
26
27
40
23
23
43
44
41
42
28
22
60
61
48
48
T1
T2
T3
T4
T 5
DATA
ADDR
DAL0-15
READ
DALO
DALI
29
34
33
35
45
ADDRESS
64
24
NOTES:
2. Output delay times are the maximum delay from the specifed edge to a valid output.
3. The Bus Master cycle time will increase from a minimum, in 1 SYSCLK increments
until the slave device returns READY.
1. This Reduced DMA Cycle Time is selected by setting CSR2 bit 15, CYCLE = 1.
Times T0 and T5 from the standard DMA Cycle are removed for this reduced timing.
Figure 12a: MK50H28 Reduced Cycle BUS Master Timing (Write) (for CYCLE = 1, CSR2<15>)
MK50H28
57/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64