Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK50H28DIP Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 43Page - STMicroelectronics MK50H28DIP Datasheet HTML 44Page - STMicroelectronics MK50H28DIP Datasheet HTML 45Page - STMicroelectronics MK50H28DIP Datasheet HTML 46Page - STMicroelectronics MK50H28DIP Datasheet HTML 47Page - STMicroelectronics MK50H28DIP Datasheet HTML 48Page - STMicroelectronics MK50H28DIP Datasheet HTML 49Page - STMicroelectronics MK50H28DIP Datasheet HTML 50Page - STMicroelectronics MK50H28DIP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
4.4.2.3 Bi-directional Procedures (Auto LMI Mode) - Continued
3. After every nN1/N391 transmissions of STATUS ENQUIRY with Report Type of ”LIV Only”, the
MK50H28 transmits a STATUS ENQUIRY with Report Type of ”Full Status”.
4. A received Full STATUS frame will be stored into the LMI channel buffer, the sequence number
checking will be performed, and its reception will be indicated to the host via Provider Primitive
13. A received Asynchronous STATUS frame will be stored into the LMI channel buffer and its
reception will be indicated to the host via Provider Primitive 14.
5. The MK50H28 also automatically responds to a STATUS ENQUIRY (”LIV Only”) frame received
by transmitting a STATUS (”LIV Only”) frame along with restarting the nT2 timer. When a ”Full
Status” STATUS ENQUIRY is received, the device issues the LMI Received primitive 13 (with
PPARM=1) and expects the host to respond with LMI Status Request Primitive 11 with
UPARM=0 (when ready to transmit the Full STATUS frame).
6. Asynchronous STATUS frames may be transmitted by placing the data to be transmitted into the
appropriate buffer and issueing Primtive 11 with UPARM=2.
4.4.3 Sending Data On A Link
Use the following procedure to send a frame:
1. Make sure that ACTIVE bit in the ALT and TXRDY bit in the CT are set for that channel.
2. Make sure that the Transmit Ring Pointer, Current Transmit Descriptor and address field infor-
mation in the CT is valid.
3. Wait for the OWNA bit of the current transmit descriptor to be cleared, if it is not already.
4. Fill the buffer associated with the current transmit descriptor with the data to be sent, or set the
descriptor buffer address to any already filled buffer.
5. Repeat steps 3 & 4 for next buffer if chaining is necessary, setting ELF & MCNT appropriately.
6. Set the OWNA bit for each descriptor to be used in sending the frame.
7. Go on to next descriptor. The MK50H28 will clear OWNA bits when the frame has been transmitted.
4.4.4 Receiving Data On A Link
The following procedure should be followed when receiving a frame:
1. Make sure that ACTIVE bit in the ALT and RXRDY bit in the CT are set for that channel.
2. Make sure that the Index to CT in the ALT points to appropriate CT entry for that channel.
3. Also make sure that the Receive Ring Pointer, Current Receive Descriptor information in the CT
is valid.
4. Make sure the OWNA bit of the current receive descriptor is clear.
5. A Receive Interrupt (RINT) will indicate reception of a frame.
6. Read the entry or entries in the Receive Interrupt Descriptor Ring that have the SRVC bit set.
The Receive Context Table Address and Current Receive Descriptor index available here indi-
cate the CT entry and the descriptor within the Rx Ring associated with the received frame.
6. Read data out of the buffer associated with the current receive descriptor.
8. Set the OWNA bit of the current receive descriptor to return ownership to the MK50H28.
9. If the ELF bit of the current receive descriptor is clear, then go on to the next descriptor and re-
peat from step 4 appending data from each buffer until a descriptor with ELF=1 is reached.
10. LMI frames received in any mode will not cause Receive Interrupts (RINT) to be generated, nor
will the Receive Interrupt Ring be updated. Instead, the MK50H28 will issue primitives corre-
sponding to the received LMI Frames which are not automatically processed by the MK50H28
(i.e. non ”LIV only” frames). See the description of primitives in section 4.1.2.2.
11. For frames received on the LMI Channel (typically DLCI 0), bits 09-11 of the Receive Message
Descriptor 0 (RMD0) for the LMI channel will indicate the type of frame received. A setting of
000 indicates a received SVC frame or Transparent Mode frame. See section 4.3.1.2 for details.
MK50H28
47/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64