Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK50H28DIP Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 50Page - STMicroelectronics MK50H28DIP Datasheet HTML 51Page - STMicroelectronics MK50H28DIP Datasheet HTML 52Page - STMicroelectronics MK50H28DIP Datasheet HTML 53Page - STMicroelectronics MK50H28DIP Datasheet HTML 54Page - STMicroelectronics MK50H28DIP Datasheet HTML 55Page - STMicroelectronics MK50H28DIP Datasheet HTML 56Page - STMicroelectronics MK50H28DIP Datasheet HTML 57Page - STMicroelectronics MK50H28DIP Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
A 16-23
ALE
SYSCLK
ADDRESS
BM0,1
READY
DAS
HLDA
HOLD
NOTES:
2. Output delay times are the maximum delay from the specifed edge to a valid output.
3. The Bus Master cycle time will increase from a minimum, in 1 SYSCLK increments
until the slave device returns READY.
64
24
25
65
26
27
40
23
23
43
44
41
42
28
22
60
61
T0
T1
T2
T 3
T 4
T5
T6
DAL0-15
READ
DALO
DALI
29
30
50
32
45
DATA IN
ADDR
31
49
48
47
46
48
1. The shaded SYSCLK periods T0 and T5 will be removed when setting CSR2 bit 15,
CYCLE =1 to select the shorter DMA cycle as shown in Figure 7a.
Figure 11: MK50H28 BUS Master Timing (Read) (for CYCLE = 0, CSR2<15>)
MK50H28
54/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64