Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMVC11021 Fiches technique(PDF) 1 Page - Infinite Electronics International, Inc.

No de pièce FMVC11021
Description  VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.5 GHz to 2.5 GHz, Phase Noise -84 dBc/Hz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMVC11021 Fiches technique(HTML) 1 Page - Infinite Electronics International, Inc.

  FMVC11021 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.0 Page 1 of 5
Copyright © 2016
FMVC11021 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO)
which covers a 1500 MHz to 2500 MHz frequency band with a voltage tuning range
from 0.0V to 16V. This design features exceptional phase noise performance of
-84 dBc/Hz @ 10 kHz offset. Supply Voltage is +15V with a generated output
power level of +10.0 dBm and 2nd harmonic output of -12 dBc typical. The
assembly is RoHs compliant and available in a compact 0.5 inch SMT package
with an industry standard mounting footprint. The bottom surface is copper clad
with 2-5 micro inches of immersion Gold over 150 - 250 micro inches of Electro
less Nickel which makes it resistant to oxidation for ease of soldering. The VCO
operates over a temperature range of -40°C to +85°C and is designed to meet a
variety of MIL-STD-202 test conditions including Humidity, Shock, and Vibration.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
1.5
2.5
GHz
Tuning Voltage
0
16
Vdc
Supply Voltage (DC)
15
Vdc
Supply Current (DC)
22
mA
Phase Noise @10kHz Offset
-84
dBc/Hz
Output Power
+10
dBm
2nd Harmonics
-12
dBc
Mechanical Specifications
Size
Length
0.5 in [12.7 mm]
Width
0.5 in [12.7 mm]
Height
0.13 in [3.3 mm]
.
Weight
0.0174 lbs [7.89 g]
Body Material and Plating
Copper Clad, Nickel, Gold
Design
Commercial
Package Style
Surface Mount
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202, Method 103, 90% RH,
+65 C
Shock
MIL-STD-202, Method 213I
Vibration
MIL-STD-202, Method 204D
Temperature Cycle
MIL-STD-202, Method 107B
ESD Sensitivity
ESD Sensitive Material, Transport
material in Approved ESD bags.
Handle only in ESD Workstation.
VCO (Voltage Controlled Oscillator) 0.5 inch
Commercial SMT (Surface Mount), Frequency of
1.5 GHz to 2.5 GHz, Phase Noise -84 dBc/Hz
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• 1500 to 2500 MHz Bandwidth
• -84 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 16v
• Pout = +10.0 dBm
• Harmonics = -12 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
Mounting Footprint
• Designed to meet MIL-STD-202
Environmental Conditions
Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
FMVC11021
DATA SHEET


Numéro de pièce similaire - FMVC11021

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
FMVC11022 FAIRVIEW-FMVC11022 Datasheet
851Kb / 8P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 2 GHz to 2.75 GHz, Phase Noise -85 dBc/Hz
REV 1.0
FMVC11026 FAIRVIEW-FMVC11026 Datasheet
742Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 4 GHz to 5 GHz, Phase Noise -78 dBc/Hz
REV 1.0
FMVC11027 FAIRVIEW-FMVC11027 Datasheet
740Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 4.26 GHz to 5 GHz, Phase Noise -79 dBc/Hz
REV 1.0
More results

Description similaire - FMVC11021

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V11020 PASTERNACK-PE1V11020_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to 2.1 GHz With Phase Noise of -87 dBc/Hz
PE1V11022 PASTERNACK-PE1V11022_16 Datasheet
657Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz With Phase Noise of -85 dBc/Hz
PE1V11023 PASTERNACK-PE1V11023_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.57 GHz to 3.3 GHz With Phase Noise of -82 dBc/Hz
PE1V11024 PASTERNACK-PE1V11024_16 Datasheet
662Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz With Phase Noise of -81 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025_16 Datasheet
582Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11020 PASTERNACK-PE1V11020 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to 2.1 GHz With Phase Noise of -87 dBc/Hz
PE1V11021 PASTERNACK-PE1V11021 Datasheet
966Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to2.5 GHz With Phase Noise of -84 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11026 PASTERNACK-PE1V11026 Datasheet
664Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4 GHz to 5 GHz With Phase Noise of -78 dBc/Hz
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com