Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMVC11021 Fiches technique(PDF) 4 Page - Infinite Electronics International, Inc.

No de pièce FMVC11021
Description  VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.5 GHz to 2.5 GHz, Phase Noise -84 dBc/Hz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMVC11021 Fiches technique(HTML) 4 Page - Infinite Electronics International, Inc.

  FMVC11021 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMVC11021 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 5
FMVC11021
DATA SHEET
VCO (Voltage Controlled Oscillator) 0.5 inch
Commercial SMT (Surface Mount), Frequency of 1.5
GHz to 2.5 GHz, Phase Noise -84 dBc/Hz



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com