Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMVC11022 Fiches technique (PDF) - Infinite Electronics International, Inc.

FMVC11022 Datasheet PDF - Infinite Electronics International, Inc.
No de pièce FMVC11022
Télécharger  FMVC11022 Télécharger
Taille du fichier   851.41 Kbytes
Page   8 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 2 GHz to 2.75 GHz, Phase Noise -85 dBc/Hz

FMVC11022 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FMVC11022 Datasheet PDF - Infinite Electronics International, Inc.

No de pièce FMVC11022
Télécharger  FMVC11022 Click to download

Taille du fichier   851.41 Kbytes
Page   8 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 2 GHz to 2.75 GHz, Phase Noise -85 dBc/Hz

FMVC11022 Fiches technique (HTML) - Infinite Electronics International, Inc.


FMVC11022 Détails du produit

Features
• dBc/Hz @ 10 kHz offset.  Supply Voltage is +15V with a generated output power
• level of +7.0 dBm and 2nd harmonic output of -12 dBc typical.  The assembly is
• RoHs compliant and available in a compact 0.5 inch SMT package with an industry
• standard mounting footprint.  The bottom surface is copper clad with 2-5 micro
• inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which
• makes it resistant to oxidation for ease of soldering. The VCO operates over a
• temperature range of -40°C to +85°C and is designed to meet a variety of MIL-
• STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 2000 MHz to 2750
• MHz Bandwidth
• -85 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 10V
• Pout = +7.0 dBm
• Harmonics = -12 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC11022
• DATA SHEET




Numéro de pièce similaire - FMVC11022

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
FMVC11021 FAIRVIEW-FMVC11021 Datasheet
796Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.5 GHz to 2.5 GHz, Phase Noise -84 dBc/Hz
REV 1.0
FMVC11026 FAIRVIEW-FMVC11026 Datasheet
742Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 4 GHz to 5 GHz, Phase Noise -78 dBc/Hz
REV 1.0
FMVC11027 FAIRVIEW-FMVC11027 Datasheet
740Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 4.26 GHz to 5 GHz, Phase Noise -79 dBc/Hz
REV 1.0
More results


Description similaire - FMVC11022

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE1V11022 PASTERNACK-PE1V11022 Datasheet
564Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V11020 PASTERNACK-PE1V11020_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to 2.1 GHz With Phase Noise of -87 dBc/Hz
PE1V11022 PASTERNACK-PE1V11022_16 Datasheet
657Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz With Phase Noise of -85 dBc/Hz
PE1V11023 PASTERNACK-PE1V11023_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.57 GHz to 3.3 GHz With Phase Noise of -82 dBc/Hz
PE1V11024 PASTERNACK-PE1V11024_16 Datasheet
662Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz With Phase Noise of -81 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025_16 Datasheet
582Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE2V006 PASTERNACK-PE2V006 Datasheet
658Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz, Phase Noise of -86 dBc/Hz and 0.175 inch Package
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11026 PASTERNACK-PE1V11026 Datasheet
664Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4 GHz to 5 GHz With Phase Noise of -78 dBc/Hz
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com