| Moteur de recherche de fiches techniques de composants électroniques |
|
PAPR1 Fiches technique(PDF) 8 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
PAPR1 Fiches technique(HTML) 8 Page - Clarke International |
|
8 / 24 page ![]() 8 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com SECTION 2 - POWERED AIR PURIFYING RESPIRATOR CHARGING THE BATTERY Remove the battery from the blower assembly and connect the charging cable.Plug the charger into a suitable mains socket. DO NOT allow the battery to get wet. DO NOT attempt to open the battery case. Keep the battery away from fire or heat. Charge the battery before first use. INSTALLING THE BATTERY Push the battery into the blower body until it snaps into position. 1. Battery 2. Battery lock INSTALLING THE AIR FILTER Install the HEPA filter into blower body. Install the foam pre-filter above the HEPA filter. Push down on the cover until it clicks into position. 1. Blower body 2. HEPA filter 3. Foam pre-filter 4. Filter screen 5. Cover DO NOT use the respirator without the foam pre-filter installed. Replace a damaged or dirty filter. |