Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAPR1 Fiches technique(PDF) 7 Page - Clarke International

No de pièce PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Fiches technique(HTML) 7 Page - Clarke International

Back Button PAPR1 Datasheet HTML 3Page - Clarke International PAPR1 Datasheet HTML 4Page - Clarke International PAPR1 Datasheet HTML 5Page - Clarke International PAPR1 Datasheet HTML 6Page - Clarke International PAPR1 Datasheet HTML 7Page - Clarke International PAPR1 Datasheet HTML 8Page - Clarke International PAPR1 Datasheet HTML 9Page - Clarke International PAPR1 Datasheet HTML 10Page - Clarke International PAPR1 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
d. NEVER attempt to clean the filter by knocking or blowing out
accumulated material. Doing so will damage the filter media.
4. Failure to follow these user instructions may reduce respirator performance
and expose you to contaminants.
5. Read and follow all user instructions in order to ensure correct system
operation.
6. ALWAYS correctly use and maintain the lithium ion battery packs. Failure to
do so may cause fire or explosion or could adversely affect respirator
performance and result in injury, sickness, or death.
a. DO NOT charge batteries with unapproved chargers or in enclosed
spaces without ventilation, in hazardous locations, or near sources of
high heat.
b. Charge in an area free of combustible material and readily monitored.
c. DO NOT immerse in water.
d. DO NOT use, charge, or store batteries outside the recommended
temperature limits.
7. If necessary, dispose of lithium ion batteries according to local
environment regulations. Do not crush, disassemble, or dispose of in
standard waste bins, in a fire or send for incineration. Failure to properly
dispose of battery packs may lead to environmental contamination, fire or
explosion.
LIMITATIONS OF USE
DO NOT wear this respirator system to enter areas where:
a. The atmosphere is oxygen deficient
b. Contaminant concentrations are unknown
c. Contaminant concentrations are immediately dangerous to health.
Contaminant concentrations exceed the maximum use concentration
determined using the Assigned Protection Factor for the specific respirator
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24