Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CWC114 Fiches technique(PDF) 3 Page - Clarke International

No de pièce CWC114
Description  3 DOOR LOCKABLE WALL CABINET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWC114 Fiches technique(HTML) 3 Page - Clarke International

  CWC114 Datasheet HTML 1Page - Clarke International CWC114 Datasheet HTML 2Page - Clarke International CWC114 Datasheet HTML 3Page - Clarke International CWC114 Datasheet HTML 4Page - Clarke International CWC114 Datasheet HTML 5Page - Clarke International CWC114 Datasheet HTML 6Page - Clarke International CWC114 Datasheet HTML 7Page - Clarke International CWC114 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
WHATS SUPPLIED
No
Description
Qty
1
Top/Bottom Panel
2
2
Side Panels
2
3Rear Panel
3
4Left Divider Panel
1
5
Right Divider Panel
1
6
Door (the centre door has a tool rack on the inside and will only fit
in the centre position)
3
7Shelf
4
8
Wall Hanging Brackets
2
9
Fixings kit (not shown) Includes
32 x M5x10 round head bolt set (bolt, washer, nut)
3 x M5x8 round head bolt set (bolt, washer, nut)
2 x M5x45 self tapping screw and rawl plug
3 Door Knobs
3 Lock Assemblies and Keys



Html Pages

1 2 3 4 5 6 7 8