Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CWC114 Fiches technique(PDF) 5 Page - Clarke International

No de pièce CWC114
Description  3 DOOR LOCKABLE WALL CABINET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWC114 Fiches technique(HTML) 5 Page - Clarke International

  CWC114 Datasheet HTML 1Page - Clarke International CWC114 Datasheet HTML 2Page - Clarke International CWC114 Datasheet HTML 3Page - Clarke International CWC114 Datasheet HTML 4Page - Clarke International CWC114 Datasheet HTML 5Page - Clarke International CWC114 Datasheet HTML 6Page - Clarke International CWC114 Datasheet HTML 7Page - Clarke International CWC114 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. Make sure that the left and right
dividers are orientated as
shown above.
6. Place the top panel in place
and use the fixings (nuts, bolts
and washers) supplied to
secure in place.
7. Repeat this with the bottom
and two side panels.
Do not tighten fully at this stage.
8. Lift the top slightly and insert the
doors as shown.
The hinge pins on the door must
be inserted into the holes in the
top and bottom panels.
9. Fully tighten all fixings.



Html Pages

1 2 3 4 5 6 7 8