Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 254 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 254 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 250Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 251Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 252Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 253Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 254Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 255Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 256Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 257Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 295 page
background image
Note 1. Test conditions: 0.2% to 99.8% of the analog input voltage range.
Note 2. DNL is measured using the Histogram Method, so the lower limit value is -1.
Note 3. This value is based on a 12-bit resolution.
Table 2.102
A/D conversion characteristics (Hybrid mode)
Conditions: AVCC: 2.7 to 3.63 V, VCC: 2.7 to 3.63 V, VREFH0/VREFH: 2.7 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
Hybrid
mode
Without
channel
dedicated
sample and
hold circuits
Single-
ended
input
High-speed channels
(AN000 to AN005)
(AN006 to AN011)
Offset error *4
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 8 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω or
less
● Digital filter: Sinc filter
Gain error *4
—
±1
±5
LSB
DNL differential
nonlinearity
error*2 *3
—
-1 to
+1.5
-1 to
+2.5
LSB
INL integral
nonlinearity
error*2
—
±4
±8
LSB
Middle-speed
channels (AN012 to
AN015) *1
Offset error *4
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 22 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω or
less
● Digital filter: Sinc filter
Gain error *4
—
±1
±5
LSB
DNL differential
nonlinearity
error*2 *3
—
-1 to
+2
-1 to
+4
LSB
INL integral
nonlinearity
error*2
—
±4
±8
LSB
Low-speed channels
(AN016 to AN022) *1
Offset error *4
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 42 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω or
less
● Digital filter: Sinc filter
Gain error *4
—
±1
±5
LSB
DNL differential
nonlinearity
error*2*3
—
-1 to
+2
-1 to
+4
LSB
INL integral
nonlinearity
error*2
—
±4
±12
LSB
Differenti
al input
High-speed channels
(AN000 to AN005)
(AN006 to AN011)
Offset error *4
—
±0.25
±2
LSB
● ADCLK: 50 MHz
● Sampling time: 8 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω or
less
● Digital filter: Sinc filter
Gain error *4
—
±0.5
±2.5
LSB
DNL differential
nonlinearity
error*2 *3
—
-1 to
+1.5
-1 to
+2
LSB
INL integral
nonlinearity
error*2
—
±3
±6
LSB
With channel
dedicated
sample and
hold circuits
Single-
ended
input
High-speed channels
(AN000 to AN005)
(AN006 to AN011)
Offset error *4
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time of channel-
dedicated sample-and-hold
circuits: * ADCLK
● Hold mode switching time of
channel dedicated sample-and-
hold circuits: * ADCLK
● Sampling time: * ADCLK
● Successive approximation time: *
ADCLK
● Signal source impedance: 50 Ω or
less
● Digital filter: Sinc filter
Gain error *4
—
±0.5
±4
LSB
DNL differential
nonlinearity
error*2 *3
—
±1
-1 to
+2
LSB
INL integral
nonlinearity
error*2
—
±12
±16
LSB
Differenti
al input
High-speed channels
(AN000 to AN005)
(AN006 to AN011)
Offset error *4
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time of channel-
dedicated sample-and-hold
circuits: * ADCLK
● Hold mode switching time of
channel dedicated sample-and-
hold circuits: * ADCLK
● Sampling time: * ADCLK
● Successive approximation time: *
ADCLK
● Signal source impedance: 50 Ω or
less
● Digital filter: Sinc filter
Gain error *4
—
±0.5
±4
LSB
DNL differential
nonlinearity
error*2 *3
—
±1
-1 to
+2
LSB
INL integral
nonlinearity
error*2
—
±4
±16
LSB
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 254 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com