Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 252 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 252 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 248Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 249Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 250Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 251Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 252Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 253Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 254Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 255Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 295 page
background image
Table 2.100
A/D conversion characteristics (Oversampling mode)
Conditions: AVCC: 2.7 to 3.63 V, VCC: 2.7 to 3.63 V, VREFH0/VREFH: 2.7 V to AVCC
Parameter
Min Typ
Max
Unit Test conditions
Oversampling
mode
Single-ended
input
High-speed
channels
(AN000 to
AN005) (AN006
to AN011)
Offset error *3
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 3 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error
(Single/
Continuous
mode) *3
—
±1
±4
LSB
Gain error
(One-channel
continuous
mode) *3
—
±1
±5
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to
+1.5
-1 to
+2.5
LSB
INL integral
nonlinearity
error*1
—
±4
±8
LSB
Middle-speed
channels
(AN012 to
AN015)
Offset error *3
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 10 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error *3
—
±1
±4
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to +2 -1 to
+4
LSB
INL integral
nonlinearity
error*1
—
±4
±8
LSB
Low-speed
channels
(AN016 to
AN022)
Offset error *3
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 20 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error *3
—
±1
±4
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to +2 -1 to
+4
LSB
INL integral
nonlinearity
error*1
—
±4
±12
LSB
Differential
input
High-speed
channels
(AN000 to
AN005) (AN006
to AN011)
Offset error *3
—
±0.25
±2
LSB
● ADCLK: 50 MHz
● Sampling time: 3 ADCLK
● Successive approximation time: 5
ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error
(Single/
Continuous
mode) *3
—
±0.5
±2
LSB
Gain error
(One-channel
continuous
mode) *3
—
±0.5
±2.5
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to
+1.5
-1 to
+2.0
LSB
INL integral
nonlinearity
error*1
—
±3
±6
LSB
Note:
These specification values are applicable when only one ADC16H is operating, DAC12 and ACMPHS are not operating, and there
is no access to the external bus during A/D conversion.
If other ADC unit, DAC12, or ACMPHS is operating or bus access occurs during A/D conversion, values might not fall within the
indicated ranges.
The use of ports 0 as digital outputs is not allowed when the ADC16H is used.
The characteristics apply when AVCC0, AVSS0, VREFH0, VREFH, VREFL0, VREFL, and ADC16H input voltage is stable.
Note 1. Test conditions: 0.2% to 99.8% of the analog input voltage range.
Note 2. DNL is measured using the Histogram Method, so the lower limit value is -1.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 252 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com