Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 216 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 216 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 212Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 216Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 217Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 218Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 219Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 295 page
background image
tSETUP
tHOLD
tHIGH
tLOW
tPERIOD
ETn_GTX_CLK or
ETn_RX_CLK
ETn_TXD[7:0], ETn_TX_EN, ETn_TX_ER or
ETn_RXD[7:0], ETn_RX_DV, ETn_RX_ER
Figure 2.115
GMII timing
GMII Driver
33 ohms
Input Measurement
point
5pF
Transmission Line
1.00ns delay
50 ohms ±15%
Figure 2.116
GMII output timing measurement conditions
Table 2.82
ESWM timing (RGMII)
Conditions:
1. Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: ETn_MDC, ETn_MDIO.
2. The drive capacity selection and voltage range for pins other than ETn_MDC, ETn_MDIO.
● RGMII use at 2.5 V: RGMII 2.50V drive select, VCC = 2.3 to 2.7
● RGMII use at 3.3 V: RGMII 3.30V drive select, VCC = 3.0 to 3.6
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
ESWM
(RGMII)
Data to Clock output Skew
(at Transmitter)*1
TskewT
2.30 V to
3.60 V
−500
500
ps
Figure 2.117
Figure 2.118
Figure 2.119
Data to Clock input Skew (at
Receiver)*1
TskewR
1
2.6
ns
Data to Clock output Setup
(at Transmitter-integrated
delay)
TsetupT
1.2
—
ns
Clock to Data output Hold (at
Transmitter–integrated delay)
TholdT
1.2
—
ns
Data to Clock input Setup (at
Receiver–integrated delay)
TsetupR
1
—
ns
Data to Clock input Hold (at
Receiver–integrated delay)
TholdR
1
—
ns
Clock Cycle Duration*2
Tcyc
7.2
8.8
ns
Duty Cycle for Gigabit*3
Duty_G
45
55
%
Duty Cycle for 10/100T*3
Duty_T
40
60
%
Rise / Fall Time (20-80%)
Tr / Tf
—
0.75
ns
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 216 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com