Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 212 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 212 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 208Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 209Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 210Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 211Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 212Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 295 page
background image
2.3.17
CANFD Timing
Table 2.77
CANFD interface timing
Conditions: Low drive output is selected when VCC is 2.70V or above. Middle drive output is selected when VCC is 1.62V or above.
Parameter
Symbol
VCC/VCC2
Min
Max
Unit
Test conditions
Internal delay
time
tnode
2.70 V or above
—
50
ns
Figure 2.110
1.62 V or above
—
50
Transmission rate
2.70 V or above
—
8
Mbps
1.62 V or above
—
8
Note:
Internal delay time (tnode) = Internal transfer delay time (toutput) + Internal receive delay time (tinput)
CTXn
CRXn
CANFD interface
Internal 
transmission
delay time
(toutput)
Internal 
reception delay
time
(tinput)
Figure 2.110
CANFD interface condition
2.3.18
PDG Timing
Table 2.78
PDG Timing
Parameter
Min
Typ
Max
Unit
Test conditions
Operation frequency
80
—
300
MHz
—
Resolution
—
48.8
—
ps
GTDLYCR.FRANGE
[1:0] = 00 and
GPTCLK = 160 MHz
—
52.1
—
ps
GTDLYCR.FRANGE
[1:0] = 01 and
GPTCLK = 300 MHz
DNL*1
—
±2.0
—
LSB
—
Note 1. This value normalizes the differences between lines in 1-LSB resolution.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 212 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com