Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 188 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 188 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 184Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 185Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 186Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 187Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 188Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 189Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 190Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 191Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 295 page
background image
2.3.13
I3C Timing
Table 2.67
IIC timing (1)-1
Setting of the I3C_SCL0, I3C_SDA0 pins are not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
VCC
Min
Max
Unit
IIC (Standard
mode, SMBus)
BFCTL.FMPE = 0
SCL input cycle time
tSCL
2.70 V or above,
1.65 to 1.95 V
10 (18) × tI3Ccyc + 1300
—
ns
SCL input high pulse
width
tSCLH
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 300
—
ns
SCL input low pulse width tSCLL
2.70 V or above,
1.65 to 1.95 V
5 (9) × tI3Ccyc + 300
—
ns
SCL, SDA rise time
tSr
2.70 V or above,
1.65 to 1.95 V
—
1000
ns
SCL, SDA fall time
tSf
2.70 V or above,
1.65 to 1.95 V
—
300
ns
SCL, SDA input spike
pulse removal time
tSP
2.70 V or above,
1.65 to 1.95 V
0
1 (4) × tI3Ccyc
ns
SDA input bus free time
when wakeup function is
disabled
tBUF
2.70 V or above,
1.65 to 1.95 V
5(9) × tI3Ccyc + 300
—
ns
SDA input bus free time
when wakeup function is
enabled
tBUF
2.70 V or above,
1.65 to 1.95 V
5(9) × tI3Ccyc + 4 × tTcyc +
300
—
ns
START condition input
hold time when wakeup
function is disabled
tSTAH
2.70 V or above,
1.65 to 1.95 V
tI3Ccyc + 300
—
ns
START condition input
hold time when wakeup
function is enabled
tSTAH
2.70 V or above,
1.65 to 1.95 V
1(5) × tI3Ccyc + tTcyc + 300 —
ns
Repeated START
condition input setup time
tSTAS
2.70 V or above,
1.65 to 1.95 V
1000
—
ns
STOP condition input
setup time
tSTOS
2.70 V or above,
1.65 to 1.95 V
1000
—
ns
Data input setup time
tSDAS
2.70 V or above,
1.65 to 1.95 V
tI3Ccyc + 50
—
ns
Data input hold time
tSDAH
2.70 V or above,
1.65 to 1.95 V
0
—
ns
SCL, SDA capacitive load Cb*1
2.70 V or above,
1.65 to 1.95 V
—
400
pF
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle, tTcyc: TCLK cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0011b while the digital filter is enabled with INCTL.DNFE set to 1.
Note 1. Cb indicates the total capacity of the bus line.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 188 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com