Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 184 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 184 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 180Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 181Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 182Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 183Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 184Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 185Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 186Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 187Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 295 page
background image
2.3.12
IIC Timing
Table 2.65
IIC timing (1) (1 of 2)
Conditions:
1. Middle drive output is selected when VCC is 2.70 V or above, High drive output is selected when VCC is 1.62 to 1.95 V in the port drive
capability bit in the PmnPFS register for the following pins: SDA0_B, SCL0_B, SDA1_B, SCL1_B, SDA2_B, SCL2_B
2. The following pins do not require setting: SCL0_A, SDA0_A. SCL1_A, SDA1_A. SCL2_A, SDA2_A
3. Use pins that have a letter appended to their names, for instance “_A” or “_B”, to indicate group membership.
For the IIC interface, the AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
IIC
(Standard mode,
SMBus)
ICFER.FMPE = 0
SCL input cycle time
tSCL
2.70 V or above
6 (12) × tIICcyc + 1300 —
ns
Figure 2.88
1.62 to 1.95 V
SCL input high pulse
width
tSCLH
2.70 V or above
3 (6) × tIICcyc + 300
—
ns
1.62 to 1.95 V
SCL input low pulse
width
tSCLL
2.70 V or above
3 (6) × tIICcyc + 300
—
ns
1.62 to 1.95 V
SCL, SDA rise time
tSr
2.70 V or above
—
1000
ns
1.62 to 1.95 V
SCL, SDA fall time
tSf
2.70 V or above
—
300
ns
1.62 to 1.95 V
SCL, SDA input spike
pulse removal time
tSP
2.70 V or above
0
1 (4) × tIICcyc ns
1.62 to 1.95 V
SDA input bus free time
when wakeup function is
disabled
tBUF
2.70 V or above
3 (6) × tIICcyc + 300
—
ns
1.62 to 1.95 V
SDA input bus free time
when wakeup function is
enabled
tBUF
2.70 V or above
3 (6) × tIICcyc + 4 ×
tPcyc + 300
—
ns
1.62 to 1.95 V
START condition input
hold time when wakeup
function is disabled
tSTAH
2.70 V or above
tIICcyc + 300
—
ns
1.62 to 1.95 V
START condition input
hold time when wakeup
function is enabled
tSTAH
2.70 V or above
1 (5) × tIICcyc + tPcyc
+ 300
—
ns
1.62 to 1.95 V
Repeated START
condition input setup time
tSTAS
2.70 V or above
1000
—
ns
1.62 to 1.95 V
STOP condition input
setup time
tSTOS
2.70 V or above
1000
—
ns
1.62 to 1.95 V
Data input setup time
tSDAS
2.70 V or above
tIICcyc + 50
—
ns
1.62 to 1.95 V
Data input hold time
tSDAH
2.70 V or above
0
—
ns
1.62 to 1.95 V
SCL, SDA capacitive
load
Cb
2.70 V or above
—
400
pF
1.62 to 1.95 V
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 184 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com