Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 148 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 148 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 144Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 145Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 146Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 147Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 148Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 149Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 150Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 151Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 295 page
background image
Table 2.57
I/O ports, POEG, GPT, AGT, ULPT and ADC trigger timing (3 of 4)
GPT32 Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If GPT pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC = VCC2.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
GPT
Input capture pulse width (Cycle)
Single edge
tGTICW*1
1.5
—
tPDcyc
Figure 2.61
Dual edge
2.5
—
Input capture pulse width (Times)
2.70 V or
above
tGTICW*1
8.3
—
ns
1.62 V or
above
10.0
—
GTIOCxY output skew
(x = 0 to 3, Y = A or B)
Middle drive
output
2.70 V or
above
tGTISK
—
4
ns
Figure 2.62
1.62 V or
above
—
6
High drive
output
2.70 V or
above
3.5
1.62 V or
above
4.5
GTIOCxY output skew
(x = 4 to 13, Y = A or B)
Middle drive
output
2.70 V or
above
—
4
1.62 V or
above
—
6
High drive
output
2.70 V or
above
—
3.5
1.62 V or
above
—
4.5
GTIOCxY output skew
(x = 0 to 13, Y = A or B)
Middle drive
output
2.70 V or
above
—
6
1.62 V or
above
—
7
High drive
output
2.70 V or
above
—
3.5
1.62 V or
above
—
5
OPS output skew
GTOUUP, GTOULO,
GTOVUP, GTOVLO,
GTOWUP, GTOWLO
Middle drive
output
2.70 V or
above
tGTOSK
—
5
ns
Figure 2.63
1.62 V or
above
—
6
GPT (PWM
Delay
Generation
Circuit)
GTIOCxY output skew
(x = 0 to 3, Y = A or B)
Middle drive
output
2.70 V or
above
tHRSK
—
4
ns
Figure 2.64
1.62 V or
above
—
6
High drive
output
2.70 V or
above
—
3.5
1.62 V or
above
—
5
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 148 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com