| Moteur de recherche de fiches techniques de composants électroniques |
|
R7KA8M2AFDCAM Fiches technique(PDF) 293 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFDCAM Fiches technique(HTML) 293 Page - Renesas Technology Corp |
|
293 / 295 page ![]() Revision 1.30 — Feb 27, 2026 2. Electrical Characteristics: ● Updated Table 2.2 Recommended operating conditions ● Updated Table 2.34 Coremark and normal mode current, CPU0 Deep Sleep, CPU1 active. (DCDC mode and External VDD mode) ● Added Table 2.42 VCC_USB rise gradient characteristics at power on ● Added Table 2.43 VCC_USBHS and AVCC_USBHS rise gradient characteristics at power on ● Updated Table 2.44 Thermal Resistance ● Updated Table 2.45 Power consumption of each unit (DCDC mode) ● Updated Table 2.46 Power consumption of each unit (External VDD mode) ● Updated Table 2.49 Clock timing except for sub-clock oscillator ● Updated Table 2.51 Reset timing ● Updated Table 2.52 Timing of recovery from low power modes ● Updated Table 2.63 SPI timing ● Updated Table 2.64 OSPI timing ● Updated Figure 2.85 DDR transmit/receive timing (4S-4D-4D, 8D-8D-8D) ● Updated Table 2.78 PDG Timing ● Updated Table 2.107 TSN characteristics ● Updated Table 2.109 Sub-clock oscillation stop detection circuit characteristics ● Added Figure 2.137 Sub-clock Oscillation Stop Detector start-up time ● Updated Table 2.110 Power-on reset circuit and voltage detection circuit characteristics ● Updated Figure 2.139 Power-on reset timing ● Updated Figure 2.140 Voltage detection circuit timing (Vdet0) ● Updated Figure 2.141 Voltage detection circuit timing (Vdetn) (n = 1, 2, 4, 5) ● Updated 2.15 MRAM Characteristics ● Updated Table 2.116 Code MRAM Characteristics ● Updated 2.15.2 Option Setting Memory (Configuration area) Characteristics ● Updated Table 2.120 MACI command Characteristics Appendix: ● Updated Appendix 1. Port States in Each Processing Mode ● Added Figure A2.3 BGA 303-pin ● Updated Table A3.2 Access cycles RA8M2 Datasheet Revision History R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 293 of 295 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |