Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 287 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 287 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 283Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 284Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 285Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 286Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 287Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 288Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 289Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 290Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 295 page
background image
Table A3.1
Peripheral base address (4 of 4)
Description
Name of secure registers
Base address of
secure registers
in secure alias
region
Name of non-secure
registers
Base address
of non-secure
registers in non-
secure alias
region
Port 0 Control Registers
PORT0
0x4040_0000
PORT0_NS
0x5040_0000
Port 1 Control Registers
PORT1
0x4040_0020
PORT1_NS
0x5040_0020
Port 2 Control Registers
PORT2
0x4040_0040
PORT2_NS
0x5040_0040
Port 3 Control Registers
PORT3
0x4040_0060
PORT3_NS
0x5040_0060
Port 4 Control Registers
PORT4
0x4040_0080
PORT4_NS
0x5040_0080
Port 5 Control Registers
PORT5
0x4040_00A0
PORT5_NS
0x5040_00A0
Port 6 Control Registers
PORT6
0x4040_00C0
PORT6_NS
0x5040_00C0
Port 7 Control Registers
PORT7
0x4040_00E0
PORT7_NS
0x5040_00E0
Port 8 Control Registers
PORT8
0x4040_0100
PORT8_NS
0x5040_0100
Port 9 Control Registers
PORT9
0x4040_0120
PORT9_NS
0x5040_0120
Port A Control Registers
PORTA
0x4040_0140
PORTA_NS
0x5040_0140
Port B Control Registers
PORTB
0x4040_0160
PORTB_NS
0x5040_0160
Port C Control Registers
PORTC
0x4040_0180
PORTC_NS
0x5040_0180
Port D Control Registers
PORTD
0x4040_01A0
PORTD_NS
0x5040_01A0
Port E Control Registers
PORTE
0x4040_01C0
PORTE_NS
0x5040_01C0
Port F Control Registers
PORTF
0x4040_01E0
PORTF_NS
0x5040_01E0
Port G Control Registers
PORTG
0x4040_0200
PORTG_NS
0x5040_0200
Pmn Pin Function Control Register
PFS
0x4040_0800
PFS_NS
0x5040_0800
Note:
Name = Peripheral name
Description = Peripheral functionality
Base address = Lowest reserved address or address used by the peripheral
3.2
Access Cycles
This section provides access cycle information for the I/O registers described in this manual.
● Registers are grouped by associated module.
● The number of access cycles indicates the number of cycles based on the specified reference clock.
● In the internal I/O area, reserved addresses that are not allocated to registers must not be accessed, otherwise operations
cannot be guaranteed.
● The number of I/O access cycles depends on bus cycles of the internal peripheral bus, divided clock synchronization
cycles, and wait cycles of each module. Divided clock synchronization cycles differ depending on the frequency ratio
between ICLK and PCLK.
● When the frequency of ICLK is equal to that of PCLK, the number of divided clock synchronization cycles is always
constant.
● When the frequency of ICLK is greater than that of PCLK, at least 1 PCLK cycle is added to the number of divided
clock synchronization cycles.
● The number of write access cycles indicates the number of cycles obtained by non-bufferable write access.
Note:
This applies to the number of cycles when access from the CPU does not conflict with the instruction fetching to the
external memory or bus access from other bus masters such as DTC or DMAC.
RA8M2 Datasheet
Appendix 3. I/O Registers
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 287 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com