Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 285 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 285 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 281Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 282Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 283Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 284Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 285Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 286Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 287Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 288Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 295 page
background image
Table A3.1
Peripheral base address (2 of 4)
Description
Name of secure registers
Base address of
secure registers
in secure alias
region
Name of non-secure
registers
Base address
of non-secure
registers in non-
secure alias
region
Peripheral Security Control Unit
PSCU
0x4020_4000
PSCU_NS
0x5020_4000
Port Output Enable Module for GPT
POEG
0x4021_2000
POEG_NS
0x5021_2000
Ultra-Low Power Timer 0
ULPT0
0x4022_0000
ULPT0_NS
0x5022_0000
Ultra-Low Power Timer 1
ULPT1
0x4022_0100
ULPT1_NS
0x5022_0100
Low Power Asynchronous General
Purpose Timer 0
AGT0
0x4022_1000
AGT0_NS
0x5022_1000
Low Power Asynchronous General
Purpose Timer 1
AGT1
0x4022_1100
AGT1_NS
0x5022_1100
12-bit D/A Converter 0
DAC120
0x4023_3000
DAC120_NS
0x5023_3000
12-bit D/A Converter 1
DAC121
0x4023_3100
DAC121_NS
0x5023_3100
Temperature Sensor
TSN
0x4023_5000
TSN_NS
0x5023_5000
High-Speed Analog Comparator 0
ACMPHS0
0x4023_6000
ACMPHS0_NS
0x5023_6000
High-Speed Analog Comparator 1
ACMPHS1
0x4023_6100
ACMPHS1_NS
0x5023_6100
High-Speed Analog Comparator 2
ACMPHS2
0x4023_6200
ACMPHS2_NS
0x5023_6200
High-Speed Analog Comparator 3
ACMPHS3
0x4023_6300
ACMPHS3_NS
0x5023_6300
USB 2.0 FS Module
USBFS
0x4025_0000
USBFS_NS
0x5025_0000
SD Host Interface 0
SDHI0
0x4025_2000
SDHI0_NS
0x5025_2000
SD Host Interface 1
SDHI1
0x4025_2400
SDHI1_NS
0x5025_2400
Pulse Density Modulator Interface
PDMIF
0x4025_6000
PDMIF_NS
0x5025_6000
Serial Sound Interface Enhanced
(SSIE) 0
SSIE0
0x4025_D000
SSIE0_NS
0x5025_D000
Serial Sound Interface Enhanced
(SSIE) 1
SSIE1
0x4025_D100
SSIE1_NS
0x5025_D100
Inter-Integrated Circuit 0
IIC0
0x4025_E000
IIC0_NS
0x5025_E000
Inter-Integrated Circuit 0 Wake-up
Unit
IIC0WU
0x4025_E014
IIC0WU_NS
0x5025_E014
Inter-Integrated Circuit 1
IIC1
0x4025_E100
IIC1_NS
0x5025_E100
Inter-Integrated Circuit 2
IIC2
0x4025_E200
IIC2_NS
0x5025_E200
Octal Serial Peripheral Interface 0
OSPI0_B
0x4026_8000
OSPI0_B_NS
0x5026_8000
Octal Serial Peripheral Interface 1
OSPI1_B
0x4026_8400
OSPI1_B_NS
0x5026_8400
Decryption On-The-Fly 0
DOTF0
0x4026_8800
DOTF0_NS
0x5026_8800
Decryption On-The-Fly 1
DOTF1
0x4026_8900
DOTF1_NS
0x5026_8900
CRC Calculator
CRC
0x4031_0000
CRC_NS
0x5031_0000
Data Operation Circuit
DOC_B
0x4031_1000
DOC_B_NS
0x5031_1000
General PWM 32-bit Timer 0
GPT320
0x4032_2000
GPT320_NS
0x5032_2000
General PWM 32-bit Timer 1
GPT321
0x4032_2100
GPT321_NS
0x5032_2100
General PWM 32-bit Timer 2
GPT322
0x4032_2200
GPT322_NS
0x5032_2200
General PWM 32-bit Timer 3
GPT323
0x4032_2300
GPT323_NS
0x5032_2300
General PWM 32-bit Timer 4
GPT324
0x4032_2400
GPT324_NS
0x5032_2400
General PWM 32-bit Timer 5
GPT325
0x4032_2500
GPT325_NS
0x5032_2500
General PWM 32-bit Timer 6
GPT326
0x4032_2600
GPT326_NS
0x5032_2600
RA8M2 Datasheet
Appendix 3. I/O Registers
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 285 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com