| Moteur de recherche de fiches techniques de composants électroniques |
|
RA4M3 Fiches technique(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M3 Fiches technique(HTML) 6 Page - Renesas Technology Corp |
|
6 / 98 page ![]() Table 1.12 I/O ports Feature Functional description Programmable I/O ports ● I/O ports for the 144-pin LQFP – I/O pins: 109 – Input pins: 1 – Pull-up resistors: 110 – N-ch open-drain outputs: 109 – 5-V tolerance: 21 ● I/O ports for the 144-pin BGA – I/O pins: 109 – Input pins: 1 – Pull-up resistors: 110 – N-ch open-drain outputs: 109 – 5-V tolerance: 21 ● I/O ports for the 100-pin LQFP – I/O pins: 75 – Input pins: 1 – Pull-up resistors: 76 – N-ch open-drain outputs: 75 – 5-V tolerance: 14 ● I/O ports for the 64-pin LQFP – I/O pins: 41 – Input pins: 1 – Pull-up resistors: 42 – N-ch open-drain outputs: 41 – 5-V tolerance: 9 ● I/O ports for the 64-pin BGA – I/O pins: 45 – Input pins: 1 – Pull-up resistors: 46 – N-ch open-drain outputs: 45 – 5-V tolerance: 9 RA4M3 Datasheet 1. Overview R01DS0368EJ0150 Rev.1.50 Apr 25, 2025 Page 6 of 98 |