| Moteur de recherche de fiches techniques de composants électroniques |
|
RA4M3 Fiches technique(PDF) 54 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M3 Fiches technique(HTML) 54 Page - Renesas Technology Corp |
|
54 / 98 page ![]() Note: Must use pins that have a letter appended to their name, for instance “_A”, “_B”, to indicate group membership. For the SPI interface, the AC portion of the electrical characteristics is measured for each group. Note 1. N is set to an integer from 1 to 8 by the SPCKD register. Note 2. N is set to an integer from 1 to 8 by the SSLND register. RSPCKn master select output RSPCKn slave select input tSPCKWH VOH VOH VOL VOL VOH VOH tSPCKWL tSPCKr tSPCKf VOL tSPcyc tSPCKWH VIH VIH VIL VIL VIH VIH tSPCKWL tSPCKr tSPCKf VIL tSPcyc VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC Note: n = A Figure 2.34 SPI clock timing tDr, tDf tSU tH tLEAD tTD tLAG tSSLr, tSSLf tOH tOD2 MSB IN DATA LSB IN MSB IN MSB OUT DATA LSB OUT IDLE MSB OUT SSLn0 to SSLn3 output RSPCKn CPOL = 0 output RSPCKn CPOL = 1 output MISOn input MOSIn output SPI tOD1 Note: n = A Figure 2.35 SPI timing for master when CPHA = 0 RA4M3 Datasheet 2. Electrical Characteristics R01DS0368EJ0150 Rev.1.50 Apr 25, 2025 Page 54 of 98 |