Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7265X Fiches technique(PDF) 62 Page - ams-OSRAM AG

No de pièce AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Fiches technique(HTML) 62 Page - ams-OSRAM AG

Back Button AS7265X Datasheet HTML 56Page - ams-OSRAM AG AS7265X Datasheet HTML 57Page - ams-OSRAM AG AS7265X Datasheet HTML 58Page - ams-OSRAM AG AS7265X Datasheet HTML 59Page - ams-OSRAM AG AS7265X Datasheet HTML 60Page - ams-OSRAM AG AS7265X Datasheet HTML 61Page - ams-OSRAM AG AS7265X Datasheet HTML 62Page - ams-OSRAM AG AS7265X Datasheet HTML 63Page - ams-OSRAM AG AS7265X Datasheet HTML 64Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
ams Datasheet
Page 61
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Revision Information
Note(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Updated Figure 59 (AS7265x AT Commands) and text above it
43
Updated Figure 60 (Typical AS7265x 18-Channel Application Circuit)
48
Updated text under Manufacturing Process Considerations
(replaced AS72651 with AS72651, AS72652,AS72653)
54
Updated note under Figure 67
56
Changes from 1-03 (2017-Oct-17) to current revision 1-04 (2018-Jul-09)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64