| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7265X Fiches technique(PDF) 30 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7265X Fiches technique(HTML) 30 Page - ams-OSRAM AG |
|
30 / 64 page ![]() ams Datasheet Page 29 [v1-04] 2018-Jul-09 Document Feedback AS7265x − Detailed Description 0x14 Calibrated value channel R, G, A CAL CHAN0_0 0x15 Calibrated value channel R, G, A CAL CHAN0_1 0x16 Calibrated value channel R, G, A CAL CHAN0_2 0x17 Calibrated value channel R, G, A CAL CHAN0_3 0x18 Calibrated value channel S, H, B CAL CHAN0_0 0x19 Calibrated value channel S, H, B CAL CHAN0_1 0x1A Calibrated value channel S, H, B CAL CHAN0_2 0x1B Calibrated value channel S, H, B CAL CHAN0_3 0x1C Calibrated value channel T, I, C CAL CHAN0_0 0x1D Calibrated value channel T, I, C CAL CHAN0_1 0x1E Calibrated value channel T, I, C CAL CHAN0_2 0x1F Calibrated value channel T, I, C CAL CHAN0_3 0x20 Calibrated value channel U, J, D CAL CHAN0_0 0x21 Calibrated value channel U, J, D CAL CHAN0_1 0x22 Calibrated value channel U, J, D CAL CHAN0_2 0x23 Calibrated value channel U, J, D CAL CHAN0_3 0x24 Calibrated value channel V, K, E CAL CHAN0_0 0x25 Calibrated value channel V, K, E CAL CHAN0_1 0x26 Calibrated value channel V, K, E CAL CHAN0_2 Addr Name <D7> <D6> <D5> <D4> <D3> <D2> <D1> <D0> |