| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7265X Fiches technique(PDF) 44 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7265X Fiches technique(HTML) 44 Page - ams-OSRAM AG |
|
44 / 64 page ![]() ams Datasheet Page 43 [v1-04] 2018-Jul-09 Document Feedback AS7265x − Detailed Description In the AT Commands figure below, numeric values may be spec- ified with no leading prefix, in which case they will be interpret- ed as decimals, or with a leading “0x” to indicate that they are hexadecimal numbers. The commands are loosely grouped into functional areas. Texts appearing between angle brackets (‘<‘and ‘>‘) are commands or response arguments. A carriage return character, a linefeed character, or both may terminate commands and responses. Note that any command that en- counters an error will generate the “ERROR” response shown, for example, in the NOP command at the top of the first table, but has been omitted elsewhere in the interest of readability and clarity. Note(s): The Figure 59 shows the complete list of all AS7265x AT commands. Figure 59: AS7265x AT Commands Commands Direction Description Format Value Range Default Status AT R NOP - - - ATVERSW R Return the current software version number DEC <MAJOR.PATCH. BUILD> - ATVERHW R Returns the system hardware as a HEX value of the form PRDTx where P=PartID and R=ChipRevision and DT= DeviceType HEX <0xPRDT> PR = 40 DT = 15 0x4041 ATTEMP R Read the current device temperature in degrees Celsius DEC Send three tempera- ture values (Format: A, B, C) - ATDATA R Read all six raw vales per device(<65535) DEC < R, S, T, U, V, W, G, H, I, J, K, L, A, B, C, D, E, F> - ATCDATA R Read all six calibrated values per device. Returns comma- separated 32-bit floating point values. DEC < R, S, T, U, V, W, G, H, I, J, K, L, A, B, C, D, E, F> - |