Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7221 Fiches technique(PDF) 55 Page - ams-OSRAM AG

No de pièce AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Fiches technique(HTML) 55 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 48Page - ams-OSRAM AG AS7221 Datasheet HTML 49Page - ams-OSRAM AG AS7221 Datasheet HTML 50Page - ams-OSRAM AG AS7221 Datasheet HTML 51Page - ams-OSRAM AG AS7221 Datasheet HTML 52Page - ams-OSRAM AG AS7221 Datasheet HTML 53Page - ams-OSRAM AG AS7221 Datasheet HTML 54Page - ams-OSRAM AG AS7221 Datasheet HTML 55Page - ams-OSRAM AG AS7221 Datasheet HTML 56Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Document Feedback
AS7221
Revision Information
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 54
15
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams AG standard warranty as
given in the General Terms of Trade, but these products have been
superseded and should not be used for new designs
Changes from previous version to current revision v4-00
Page
Update Figure 2 Block Diagram
5
Update Figure 5, format
9
Update Optical Characteristic
12
Added diffusor functionality
15
Added scene ramps
15
Added Figure xx AS7221 workflow abstract
16
Update ALS, replacement TSL25911 due to TSL2572
16, 17, 23, 39
Added calibration TSL2572
17
Update dimming input
19
Added CCT_SEL mode
20
Update PWM output frequency
21
Update indicator LED behavior
22
Added fSCL max in Figure 22
24
Update intro UART command interface
28
Update Figure 27 SPI Timing Characteristic
29, 30
Update Figure 30 Serial Flash Overview
31
Update Figure 32 AT Command List
33-42
Added Figure 39 Backside Marking
49
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56