Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7221 Fiches technique(PDF) 42 Page - ams-OSRAM AG

No de pièce AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7221 Fiches technique(HTML) 42 Page - ams-OSRAM AG

Back Button AS7221 Datasheet HTML 38Page - ams-OSRAM AG AS7221 Datasheet HTML 39Page - ams-OSRAM AG AS7221 Datasheet HTML 40Page - ams-OSRAM AG AS7221 Datasheet HTML 41Page - ams-OSRAM AG AS7221 Datasheet HTML 42Page - ams-OSRAM AG AS7221 Datasheet HTML 43Page - ams-OSRAM AG AS7221 Datasheet HTML 44Page - ams-OSRAM AG AS7221 Datasheet HTML 45Page - ams-OSRAM AG AS7221 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 41
Command
Direction
Description
Format
Value Range
Default
ATLXSL1
R/W
Reads and writes the
calibration scalar K1 for
external ambient light
sensor (TSL2572 only);
Formula K0>0:
LUX=K0*ADC0-
K1*ADC1
K0=0:
LUX=K1*ADC1
DEZ
≥0
0
Firmware and Firmware Update
ATVERSW
R
Return the current
software version
number
DEZ
<MAJOR.MINOR.PATCH>
-
ATVERHW
R
Returns the system
hardware as a HEX
value of the form
PRDTx where
P=PartID and
R=ChipRevision and
DT= DeviceType
HEX
<0xPRDT>
PR: 40
DT: 15 (AS7221)
0x4015
ATFWU
W
Starts firmware update
process and transfer
the bin file checksum
-
-
-
ATFW
W
Download new
firmware
Up to 10 bytes of FW
image at a time (20 hex
bytes with no leading
or trailing 0x)
Repeat command till all
56Kbytes of firmware
are downloaded
-
HEX STRING (without 0x)
-
ATFWS
W
Tests the checksum on
the non-active FW
partition and, if correct,
switches active
partition. This is a
toggle and can be used
to toggle between the 2
FW partitions. Note:
the first 5 bytes in page
0 are not touched. It is
only a temporary
switch and must be
used to check the new
firmware whether the
communication works!
-
-
-
ATFWL
W
This command locks
the current firmware to
starts on power cycles.
It rewrites the first five
bytes in page0!
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56