| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7221 Fiches technique(PDF) 43 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7221 Fiches technique(HTML) 43 Page - ams-OSRAM AG |
|
43 / 56 page ![]() Document Feedback AS7221 Smart Lighting Command Interface Datasheet • PUBLIC DS000479 • v4-00 • 2019-Jun-28 55 │ 42 Command Direction Description Format Value Range Default ATFWC R This command gives information about the current firmware state - Bit0: Checksum of non-active firmware OK Bit1: Error occurred Bit2: Is bank 1 active Bit3: Not used Bit4: Current firmware is locked Bit5: 56 kBytes transferred Bit6: Not used Bit7: Firmware update active - ATFWA W Only for backward compatibility to support old firmware update mechanism. Always returns with OK. Because of flash devices it is not possible to increment the address separately (Page erase necessary!) - - - |