| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1130 Fiches technique(PDF) 22 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130 Fiches technique(HTML) 22 Page - ams-OSRAM AG |
|
22 / 67 page ![]() ams Datasheet Page 21 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Detailed Description Figure 30: Device Address The pin ADDR is scanned after start up (POR) and defines the address for the device. The device reacts to this address until a hardware reset (low on pin RSTN) is performed or the power-on-reset (POR) triggers again. Note(s): The internal address decoder needs 5ms to identify the address and to set up the device for this address. I2C Address Bit Bit Name Default Access Description 3:1 i2c_addr 000 R Defines the I²C address of one device via an external resistor on pin ADDR 000: 1M Ω or floating 001: 470k Ω 010: 220k Ω 011: 100k Ω 100: 47k Ω 101: 22k Ω 110: 10k Ω 111: 4.7k Ω or GND |