| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1130 Fiches technique(PDF) 53 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130 Fiches technique(HTML) 53 Page - ams-OSRAM AG |
|
53 / 67 page ![]() Page 52 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Typical Application Scroll Function The AS1130 offers a feature for scrolling a picture through the matrix without the need of communication via a μP. The scrolling can be done in the whole matrix (12x11) or optimized for a ticker in a 5x24 matrix (see Figure 54). Figure 54: LED Configuration for 5LED Block Scroll Function In the movie display mode the frame is shown in the matrix at once. On the contrary in the scroll function the frame is shifted through the matrix segment after segment (CS0 to CS1 to CS2 to CS3...). Typical Application &6 &6 &6 &6 &6 &6 &6 &6 &6 &6 &6 &6 |