| Moteur de recherche de fiches techniques de composants électroniques |
|
ECSS3 Fiches technique(PDF) 15 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
ECSS3 Fiches technique(HTML) 15 Page - Clarke International |
|
15 / 20 page ![]() 15 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 4. Unscrew the Grinder Lock Cap that holds the Grinding Wheel in place and remove the Grinding Wheel. 5. Install the new wheel on the Grinding Wheel Base, making sure it fits correctly. NOTE: DO NOT use a grinding wheel if it is chipped, cracked or worn. You can check if the wheel has cracks not visible to the human eye by hanging it up by the central hole and tapping it with a non metallic object (ie a screwdriver handle). If it is in a good condition it will produce a metallic sound. A dull sound indicates a crack or break. 6. Replace and tighten the Grinder Lock Cap. 7. Replace the Grinding Wheel Cover and the three screws. |