Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECSS3 Fiches technique(PDF) 12 Page - Clarke International

No de pièce ECSS3
Description  ELECTRIC CHAINSAW SHARPENER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ECSS3 Fiches technique(HTML) 12 Page - Clarke International

Back Button ECSS3 Datasheet HTML 8Page - Clarke International ECSS3 Datasheet HTML 9Page - Clarke International ECSS3 Datasheet HTML 10Page - Clarke International ECSS3 Datasheet HTML 11Page - Clarke International ECSS3 Datasheet HTML 12Page - Clarke International ECSS3 Datasheet HTML 13Page - Clarke International ECSS3 Datasheet HTML 14Page - Clarke International ECSS3 Datasheet HTML 15Page - Clarke International ECSS3 Datasheet HTML 16Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATING HINTS
• Before you sharpen the chainsaw chain check it for damage, such as:- bent or
abraded chain links.- broken cutting teeth, loose rivets or broken rivet heads.If
any damage is found, replace the entire chain.
• A sharp chainsaw
produces wood chips and
pulls itself into the timber
being cut. When it
becomes blunt, sawdust
will start being produced
during cutting
operations.You should
sharpen the chain if you
notice that you have to
use force to cut through
the timber, i.e. if the saw
does not “pull” anymore.
• Sharpen all cutting teeth
as uniformly as possible. This will ensure smooth operation with a minimum of
vibration.
• Blunt cutting teeth or parts damaged by stones may cause an inclined cut
during chain saw operation, and may also increase the wear on the running
face of the cutting teeth.
• The depth limiter gauge
must be profiled by hand.
Ensure that all depth
limiter bars are equal in
height.
• Ensure that all cutting
teeth are sharpened to
the same cutting angle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20