Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECSS3 Fiches technique(PDF) 4 Page - Clarke International

No de pièce ECSS3
Description  ELECTRIC CHAINSAW SHARPENER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ECSS3 Fiches technique(HTML) 4 Page - Clarke International

  ECSS3 Datasheet HTML 1Page - Clarke International ECSS3 Datasheet HTML 2Page - Clarke International ECSS3 Datasheet HTML 3Page - Clarke International ECSS3 Datasheet HTML 4Page - Clarke International ECSS3 Datasheet HTML 5Page - Clarke International ECSS3 Datasheet HTML 6Page - Clarke International ECSS3 Datasheet HTML 7Page - Clarke International ECSS3 Datasheet HTML 8Page - Clarke International ECSS3 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. Dress properly. DO NOT wear loose clothing or jewellery. Keep your hair
and clothing away from moving parts. Loose clothes, jewellery or long hair
can be caught in moving parts.
POWER TOOL USE AND CARE
1. DO NOT force the power tool. Use the correct power tool for your
application. The correct power tool will do the job better and safer at the rate
which it was designed.
2. DO NOT use the power tool if the switch does not turn it on and off. Any
power tool that cannot be controlled with the switch is dangerous and must be
repaired.
3. Disconnect the battery before making any adjustments, changing
accessories, or storing power tools. Such preventive safety measures reduce
the risk of starting the power tool accidentally.
4. Store idle tools out of the reach of children and DO NOT allow persons
unfamiliar with the power tool or these instructions to operate the
power tool. Power tools are dangerous in the hands of untrained users.
5. Maintain power tools. Check for misalignment or binding of moving
parts, breakage of parts and any other condition that may affect the
power tools operation. If damaged, have the power tool repaired before
use. Many accidents are caused by poorly maintained power tools.
6. Keep cutting tools sharp and clean. Poorly maintained cutting tools with
sharp cutting edges are less likely to bind and are easier to control.
7. Use the power tool and accessories in accordance with these
instructions and in the manner intended for the particular type of power
tool, taking into account the working conditions and the work to be
performed. Use of the power tool for operations different from intended could
result in a hazardous situation.
SERVICING
1. Have your power tool serviced by a qualified repair person using only
identical replacement parts. This will ensure that the safety of the power tool
is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20