Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103VC Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STM32F103VC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VC Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STM32F103VC Datasheet HTML 25Page - STMicroelectronics STM32F103VC Datasheet HTML 26Page - STMicroelectronics STM32F103VC Datasheet HTML 27Page - STMicroelectronics STM32F103VC Datasheet HTML 28Page - STMicroelectronics STM32F103VC Datasheet HTML 29Page - STMicroelectronics STM32F103VC Datasheet HTML 30Page - STMicroelectronics STM32F103VC Datasheet HTML 31Page - STMicroelectronics STM32F103VC Datasheet HTML 32Page - STMicroelectronics STM32F103VC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Pin descriptions
29/118
L12 G8 36
54
76
PB15
I/O FT
PB15
SPI2_MOSI/I2S2_SD
TIM1_CH3N(6)
L9
K9
-
55
77
PD8
I/O FT
PD8
FSMC_D13
USART3_TX
K9
J9
-
56
78
PD9
I/O FT
PD9
FSMC_D14
USART3_RX
J9
H9
-
57
79
PD10
I/O FT
PD10
FSMC_D15
USART3_CK
H9
G9
-
58
80
PD11
I/O FT
PD11
FSMC_A16
USART3_CTS
L10 K10
-
59
81
PD12
I/O FT
PD12
FSMC_A17
TIM4_CH1 /
USART3_RTS
K10 J10
-
60
82
PD13
I/O FT
PD13
FSMC_A18
TIM4_CH2
G8
---
83
VSS_8
S
F8
---
84
VDD_8
S
K11 H10
-
61
85
PD14
I/O FT
PD14
FSMC_D0
TIM4_CH3
K12 G10
-
62
86
PD15
I/O FT
PD15
FSMC_D1
TIM4_CH4
J12
-
-
-
87
PG2
I/O FT
FSMC_A12
J11
-
-
-
88
PG3
I/O FT
FSMC_A13
J10
-
-
-
89
PG4
I/O FT
FSMC_A14
H12
-
-
-
90
PG5
I/O FT
FSMC_A15
H11
-
-
-
91
PG6
I/O FT
FSMC_INT2
H10
-
-
-
92
PG7
I/O FT
FSMC_INT3
G11
---
93
PG8
I/O FT
G10
---
94
VSS_9
S
F10
---
95
VDD_9
S
G12 F10 37
63
96
PC6
I/O FT
PC6
I2S2_MCK/
TIM8_CH1/SDIO_D6
TIM3_CH1
F12 E10 38
64
97
PC7
I/O FT
PC7
I2S3_MCK/
TIM8_CH2/SDIO_D7
TIM3_CH2
F11 F9
39
65
98
PC8
I/O FT
PC8
TIM8_CH3/SDIO_D0
TIM3_CH3
E11 E9
40
66
99
PC9
I/O FT
PC9
TIM8_CH4/SDIO_D1
TIM3_CH4
E12 D9 41
67 100
PA8
I/O FT
PA8
USART1_CK/
TIM1_CH1(6)/MCO
D12 C9 42
68 101
PA9
I/O FT
PA9
USART1_TX(6)/
TIM1_CH2(6)
D11 D10 43
69 102
PA10
I/O FT
PA10
USART1_RX(6)/
TIM1_CH3(6)
Table 4.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More