Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103VC Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STM32F103VC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VC Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STM32F103VC Datasheet HTML 21Page - STMicroelectronics STM32F103VC Datasheet HTML 22Page - STMicroelectronics STM32F103VC Datasheet HTML 23Page - STMicroelectronics STM32F103VC Datasheet HTML 24Page - STMicroelectronics STM32F103VC Datasheet HTML 25Page - STMicroelectronics STM32F103VC Datasheet HTML 26Page - STMicroelectronics STM32F103VC Datasheet HTML 27Page - STMicroelectronics STM32F103VC Datasheet HTML 28Page - STMicroelectronics STM32F103VC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 118 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Pin descriptions
25/118
Figure 7.
STM32F103xC, STM32F103xD and STM32F103xE performance line BGA144 ballout
AI14789b
VDD_7
PC3
PC2
PF6
VDD_6
VSS_4
PF8
H
VDD_1
D
PG13
PG14
PE6
PE5
C
PG10
PG11
VDD_5
PB8
NRST
B
PG12
PG15
PC15-
OSC32_OUT
PB9
A
8
7
6
5
4
3
2
1
VBAT
OSC_IN
OSC_OUT
VSS_5
G
F
E
PF7
PC0
PF0
PF1
PF2
VSS_10
PG9
PF4
PF3
VSS_3
PF5
VDD_8
VDD_3
VDD_4
VSS_8
PE4
PB5
PB6
BOOT0
PB7
VSS_11
PF10
PC1
VDD_11
VDD_10
PF9
10
9
K
J
VSS_2
PD3
PD4
PD1
PC12
PC11
PD5
PD2
PD0
VDD_9
VSS_9
VDD_2
PG1
PC5
PA5
PE9
PB2/
BOOT1
PC4
PA4
PE10
PG0
PF13
VREF–
PE12
VSSA
PA1
PE13
PA0-WKUP
PD9
PD10
PG4
PD13
12
11
PG8
PA10
NC
PA9
PA11
PA12
PC10
PC9
PA8
PC7
PC6
PC8
PD14
PG3
PG2
PD15
M
L
PF15
PB1
PA7
PE7
PF12
PB0
PA6
PE8
PF14
PF11
VDDA
PE14
VREF+
PA3
PE15
PA2
PB10
PD8
PD12
PB11
PB12
PB14
PB15
PB13
PC13-
TAMPER-RTC
PE3
PE2
PE1
PE0
PB4
JTRST
PB3
JTDO
PD6
PD7
PA15
JTDI
PA14
JTCK
PA13
JTMS
PE11
VSS_6
VSS_7
VSS_1
PG7
PD11
PG5
PG6
PC14-
OSC32_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More