Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE801 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STMPE801
Description  8-bit port expander Xpander logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE801 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STMPE801 Datasheet HTML 15Page - STMicroelectronics STMPE801 Datasheet HTML 16Page - STMicroelectronics STMPE801 Datasheet HTML 17Page - STMicroelectronics STMPE801 Datasheet HTML 18Page - STMicroelectronics STMPE801 Datasheet HTML 19Page - STMicroelectronics STMPE801 Datasheet HTML 20Page - STMicroelectronics STMPE801 Datasheet HTML 21Page - STMicroelectronics STMPE801 Datasheet HTML 22Page - STMicroelectronics STMPE801 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STMPE801
Package mechanical data
19/26
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26