| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2251 Fiches technique(PDF) 36 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2251 Fiches technique(HTML) 36 Page - SMSC Corporation |
|
36 / 36 page ![]() Ultra Fast USB 2.0 Multi-Format Flash Media Controller Datasheet Revision 2.6 (05-08-08) 36 SMSC USB2250/51/59 DATASHEET Chapter 10 GPIO Usage Table 10.1 USB2250/51/59 GPIO Usage (ROM Rev 0x00) NAME ACTIVE LEVEL SYMBOL DESCRIPTION AND NOTE GPIO1 H LED1 LED indicator GPIO2 H CF_DMARQ / RXD Compact Flash DMA request / Receive Port of Debugger GPIO3 H VBUS_DET USB Vbus detect GPIO4 H SCL / xD_ID Serial EEPROM clock output / xD card detect GPIO5 H SDA Serial EEPROM data GPIO6 L SD_WP SD Write Protect GPIO7 H CF_nDMACK / TXD Compact Flash DMA acknowledge / Transmit Port of Debugger GPIO8 L CRD_PWR0 Card Power Control GPIO9 L CRD_PWR1 Card Power Control GPIO10 L CRD_PWR2 Card Power Control GPIO11 L CRD_PWR3 Card Power Control GPIO12 L MS_INS Memory Stick Card Insertion GPIO13 L CF_nCD Compact Flash card detect GPIO14 L xD_nCD xD card detect GPIO15 L SD_nCD Secure Digital card detect GPIO16-32 USER GPIO [32:16] User defined |