Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2251 Fiches technique(PDF) 11 Page - SMSC Corporation

No de pièce USB2251
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2251 Fiches technique(HTML) 11 Page - SMSC Corporation

Back Button USB2251 Datasheet HTML 7Page - SMSC Corporation USB2251 Datasheet HTML 8Page - SMSC Corporation USB2251 Datasheet HTML 9Page - SMSC Corporation USB2251 Datasheet HTML 10Page - SMSC Corporation USB2251 Datasheet HTML 11Page - SMSC Corporation USB2251 Datasheet HTML 12Page - SMSC Corporation USB2251 Datasheet HTML 13Page - SMSC Corporation USB2251 Datasheet HTML 14Page - SMSC Corporation USB2251 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2250/51/59
11
Revision 2.6 (05-08-08)
DATASHEET
3.2
128-Pin List
Table 3.2 USB2250/51/59 128-Pin List
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
1
MA12
12
33
MD7
12
65
VDD33
-
97
MS_D6
12
2
MA15
12
34
MD3
12
66
CF_D13 /
GPIO29
12
98
GPIO12
(MS_INS)
12
3
nMWR
12
35
MD2
12
67
CF_D6 /
GPIO22
12
99
MS_D3
12
4
MA14
12
36
MD1
12
68
CF_D14 /
GPIO30
12
100
MS_D7
12
5GPIO5
(SDA)
12
37
MD0
12
69
CF_D7 /
GPIO23
12
101
MS_SCLK
12
6
REG_EN
12
38
SM_nWPS
-
70
CF_D15 /
GPIO31
12
102
VSS
-
7
USB+
-
39
SM_D7
12
71
CF_nCS0
12
103
TEST
-
8
USB-
-
40
SM_D6
12
72
CF_nIOR
12
104
VDD33
-
9
VSS
-
41
SM_D5
12
73
CF_nIOW
12
105
GPIO6
(SD_WP)
12
10
SD_D1
12
42
SM_D4
12
74
CF_IRQ
12
106
MA7
12
11
SD_D6
12
43
SM_D3
12
75
VSS
-
107
MA13
12
12
SD_D0
12
44
SD_D2
12
76
GPIO10 /
CRD_
PWR2
12
108
MA6
12
13
SD_D7
12
45
SM_D1
12
77
VDD33
-
109
MA8
12
14
GPIO8 /
CRD_
PWR0
12
46
SM_D0
12
78
GPIO9 /
CRD_
PWR1
12
110
MA5
12
15
VDD33
-
47
SM_nWP
12
79
CF_nRESET
12
111
MA9
12
16
GPIO11 /
CRD_
PWR3
12
48
SM_nWE
12
80
CF_IORDY
12
112
MA4
12
17
VSS
-
49
VDD18
-
81
VSS
-
113
MA11
12
18
SD_CLK
12
50
VDD33
-
82
CF_SA2
-
114
MA3
12
19
SD_D5
12
51
VSS
-
83
CF_SA1
12
115
nMRD
12
20
SD_CMD
12
52
SM_ALE
12
84
CF_SA0
12
116
MA2
12
21
SD_D4
1253
SM_CLE
1285
CF_D0 /
GPIO16
12
117
CF_DMARQ
/ RXD /
GPIO2
12
22
SD_D3
12
54
SM_nCE
12
86
CF_D1 /
GPIO17
12
118
GPIO4
(SCL)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36