Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2251 Fiches technique(PDF) 12 Page - SMSC Corporation

No de pièce USB2251
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2251 Fiches technique(HTML) 12 Page - SMSC Corporation

Back Button USB2251 Datasheet HTML 8Page - SMSC Corporation USB2251 Datasheet HTML 9Page - SMSC Corporation USB2251 Datasheet HTML 10Page - SMSC Corporation USB2251 Datasheet HTML 11Page - SMSC Corporation USB2251 Datasheet HTML 12Page - SMSC Corporation USB2251 Datasheet HTML 13Page - SMSC Corporation USB2251 Datasheet HTML 14Page - SMSC Corporation USB2251 Datasheet HTML 15Page - SMSC Corporation USB2251 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
12
SMSC USB2250/51/59
DATASHEET
23
SD_D2
12
55
SM_nRE
12
87
CF_D8 /
GPIO24
12
119
CF_DMACK
/ TXD /
GPIO7
12
24
MA10
12
56
SM_nB/R
-
88
CF_D2 /
GPIO18
12
120
LED1 /
GPIO1
12
25
MA1 /
CLK_
SEL1
12
57
GPIO14
(SM_nCD)
12
89
CF_D9 /
GPIO25
12
121
GPIO3
(VBUS_DET)
12
26
nMCE
12
58
GPIO13
(CF_nCD)
12
90
CF_D10 /
GPIO26
12
122
VSS
-
27
MA0 /
CLK_
SEL0
12
59
CF_D3 /
GPIO19
12
91
MS_BS
12
123
XTAL2
-
28
MA16
12
60
CF_D11 /
GPIO27
12
92
MS_D1
12
124
XTAL1 /
CLKIN
-
29
MD6
12
61
CF_D4 /
GPIO20
12
93
MS_D5
12
125
VDDPLL18
-
30
MD5
12
62
CF_D12 /
GPIO28
12
94
MS_D0 /
MS_DIO
12
126
VSS
-
31
MD4
12
63
CF_D5 /
GPIO21
12
95
MS_D4
12
127
RBIAS
-
32
GPIO15
(SD_nCD)
12
64
nRESET
-
96
MS_D2
12
128
VDDA33
-
Table 3.2 USB2250/51/59 128-Pin List (continued)
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36