Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFC100 Fiches technique(PDF) 8 Page - Clarke International

No de pièce CFC100
Description  FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC100 Fiches technique(HTML) 8 Page - Clarke International

Back Button CFC100 Datasheet HTML 4Page - Clarke International CFC100 Datasheet HTML 5Page - Clarke International CFC100 Datasheet HTML 6Page - Clarke International CFC100 Datasheet HTML 7Page - Clarke International CFC100 Datasheet HTML 8Page - Clarke International CFC100 Datasheet HTML 9Page - Clarke International CFC100 Datasheet HTML 10Page - Clarke International CFC100 Datasheet HTML 11Page - Clarke International CFC100 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
RAISING THE JIB
Important;- Make sure that the hook
is directly above the point of lift,
which in turn is directly above the
centre of gravity of the load.
1. Use the end of the pump handle
(19) to close the valve by turning it
fully clockwise.
• It should be hand tight, do not
overtighten.
2. Return the pump handle (19) to
the pump linkage and pump the
handle until the crane reaches
the desired height.
LOWERING THE JIB
1. Use the end of the pump handle
(19) to turn the valve
anticlockwise VERY SLOWLY.
• The speed of lowering the load
is controlled by how much you turn the valve.
EXTENDING THE JIB
1. Raise the jib until horizontal.
2. Remove the locating pin assembly
(29) & withdraw the pin.
3. Reposition the jib extension to the
desired length.
4. Replace the pin assembly (29)
ensuring the ‘R’clip is firmly in place
NOTES:
During transit or storage, it is possible
that an air pocket may have developed within the hydraulic ram, and the ram
action may therefore appear to be ‘spongy’. As the ram is self bleeding, any
air will be dispelled and the ram action normalized by fully raising and
lowering the jib a few times. Should the jib not reach its full height, the oil level
should be checked, as described in the Maintenance section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12